Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download EN4514B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1sv267 no.4514-1/6 features ? series connection of 2 elements in a very smallsized package facilitates high-density mounting and permits 1sv267-applied equipment to be made smaller ? small interterminal capacitance (c=0.23pf typ) ? small forward series resistance (rs=2.5 typ) speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit reverse voltage v r 50 v forward current i f 50 ma allowable power dissipation p 150 mw junction temperature tj 125 c storage temperature tstg --55 to +125 c package dimensions unit : mm (typ) 7013a-008 91212 tkim/52098ha (kt)/42294yh (koto) bx-0222 sanyo semiconductors data sheet http://www.sanyosemi.com/en/network/ ordering number : EN4514B 1sv267 silicon epitaxial type pin diode for vhf, uhf, agc applications product & package information ? package : cp ? jeita, jedec : sc-59, to-236, sot-23, to-236ab ? minimum packing quantity : 3,000 pcs./reel packing type: tb marking electrical connection 1 : anode 2 : cathode 3 : cathode / anode sanyo : cp 12 3 1.5 2.5 1.1 0.3 0.05 2.9 0.95 0.4 0.1 0.5 0.5 tb kv lot no. lot no. 1sv267-tb-e 3 12
1sv267 no.4514-2/6 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max reverse voltage v r i r =10 a50v reverse current i r v r =50v 0.1 a forward voltage v f i f =50ma 0.91 v interterminal capacitance c v r =50v, f=1mhz 0.23 pf series resistance r s i f =5ma, f=100mhz 4.0 i f =10ma, f=100mhz 2.5 note : the speci cations shown above are for each individual diode. ordering information device package shipping memo 1sv267-tb-e cp 3,000pcs./reel pb free
1sv267 no.4514-3/6 i r -- v r i f -- v f r s -- i f r s -- f c -- v r reverse current, i r -- na forward current, i f -- ma series resistance, r s -- series resistance, r s -- reverse voltage, v r -- v forward voltage, v f -- v interterminal capacitance, c -- pf reverse voltage, v r -- v frequency, f -- mhz forward current, i f -- ma 0.01 3 2 3 5 5 2 7 7 10 1.0 2 3 5 7 100 2 1k 3 5 7 2 0.1 3 5 7 2 1.0 3 5 7 2 10 3 2 5 2 3 5 7 0.01 0.1 2 3 5 7 1.0 2 3 5 7 10 30 10 0 0 0.2 0.4 0.6 0.8 1.0 1.2 0.01 357 2 0.1 357 2 1.0 10 357 2 20 40 60 50 25 c id00089 id00087 0.1 2 1.0 3 5 7 0.1 1.0 2 357 10 23 57 100 23 57 id00088 1.0 1.0 23 57 10 23 57 100 1000 23 57 2 2 3 5 7 10 2 3 5 7 100 2 3 5 7 1k 2 3 5 id00090 id00091 ta=25 c f=100mhz ta=75 c 50 c 25 c ta=25 c f=1mhz ta=25 c 100 a 5ma 10ma 1ma 2 3 5 i f =10 a --55 c ta=125 c
1sv267 no.4514-4/6 embossed taping speci cation 1sv267-tb-e
1sv267 no.4514-5/6 outline drawing land pattern example 1sv267-tb-e mass (g) unit 0.013 * for reference mm unit: mm 0.95 0.95 1.0 2.4 0.8
1sv267 ps no.4514-6/6 this catalog provides information as of september, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of EN4514B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X